Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8953ECS/RV Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8953ECS/RV
Description  Low Power Stereo ADC with PLL and TDM Interface
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8953ECS/RV Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8953ECS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8953ECS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
WM8953
Production Data
w
PD, January 2009, Rev 4.0
38
HIGH PASS FILTER
A digital high pass filter is applied by default to the ADC path to remove DC offsets. This filter can
also be programmed to remove low frequency noise in voice applications (e.g. wind noise or
mechanical vibration). This filter is controlled using the ADC_HPF_ENA and ADC_HPF_CUT register
bits.
In hi-fi mode the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz at fs=44.1kHz.
In voice mode the high pass filter is optimised for voice communication and it is recommended to
program the cut-off frequency below 300Hz (e.g. ADC_HPF_CUT=11 at fs=8kHz or
ADC_HPF_CUT=10 at fs=16kHz).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
ADC_HPF_ENA
1b
ADC Digital High Pass Filter Enable
0 = disabled
1 = enabled
R14 (0Eh)
6:5
ADC_HPF_CUT
[1:0]
00b
ADC Digital High Pass Filter Cut-Off
Frequency (fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate. See
Table 16 for cut-off frequencies at all
supported sample rates)
Table 15 ADC High Pass Filter Control Registers
Cut-off frequency (Hz)
Sample
Frequency
(kHz)
ADC_HPF_CUT
=00
ADC_HPF_CUT
=01
ADC_HPF_CUT
=10
ADC_HPF_CUT
=11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
Table 16 ADC High Pass Filter Cut-Off Frequencies
The high pass filter characteristics are shown in the "Digital Filter Characteristics" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com