Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
PF0100
Functional Block Requirements and Behaviors
Start-up
6.1.2
One Time Programmability (OTP)
OTP allows the programming of start-up configurations for a variety of applications. Before permanently programming the IC by
programming fuses, a configuration may be prototyped by using the “Try Before Buy” (TBB) feature. Further, an error correction
code(ECC) algorithm is available to correct a single bit error and to detect multiple bit errors when fuses are programmed.
The parameters that can be configured by OTP are listed below.
• General: I2C slave address, PWRON pin configuration, start-up sequence and timing
• Buck regulators: Output voltage, dual/single phase or independent mode configuration, switching frequency, and soft
start ramp rate
• Boost regulator and LDOs: Output voltage
NOTE: When prototyping or programming fuses, the user must ensure that register settings are consistent with the hardware
configuration. This is most important for the buck regulators, where the quantity, size, and value of the inductors depend on the
configuration (single/dual phase or independent mode) and the switching frequency. Additionally, if an LDO is powered by a buck
regulator, it will be gated by the buck regulator in the start-up sequence.
6.1.2.1
Start-up Sequence and Timing
Each regulator has 5-bits allocated to program its start-up time slot from a turn on event; therefore, each can be placed from
position one to thirty-one in the start-up sequence. The all zeros code indicates that a regulator is not part of the start-up
sequence and will remain off. See Table 10. The delay between each position is equal; however, four delay options are available.
See Table 11. The start-up sequence will terminate at the last programmed regulator.
tR3
Rise time of regulators(24)
–0.2
–
ms
tD4
Delay between regulators
SEQ_CLK_SPEED[1:0] = 00
–
0.5
–
ms
SEQ_CLK_SPEED[1:0] = 01
–
1.0
–
SEQ_CLK_SPEED[1:0] = 10
–
2.0
–
SEQ_CLK_SPEED[1:0] = 11
–
4.0
–
tR4
Rise time of RESETBMCU
–
0.2
–
ms
tD5
Turn-on delay of RESETBMCU
–
2.0
–
ms
Notes
21.
Assumes LICELL voltage is valid before VIN is applied. If LICELL is not valid before VIN is applied then VSNVS turn-on delay may
extend to a maximum of 24 ms.
22.
Depends on the external signal driving PWRON.
23.
Default configuration.
24.
Rise time is a function of slew rate of regulators and nominal voltage selected.
Table 9. Default Start-up Sequence Timing
Parameter
Description
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com