Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 38Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 39Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 40Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
PF0100
Functional Block Requirements and Behaviors
Power Generation
The regulators have a strong sourcing capability and sinking capability in PWM mode, therefore the fastest rising and falling
slopes are determined by the regulator in PWM mode. However, if the regulators are programmed in PFM or APS mode during
a DVS transition, the falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced,
controlled DVS transitions in PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode
operation.
The following diagram shows the general behavior for the regulators when initiated with I2C programming, or standby control.
During the DVS period the overcurrent condition on the regulator should be masked.
Figure 10. Voltage Stepping with DVS
Regulator Phase Clock
The SWxPHASE[1:0] bits select the phase of the regulator clock as shown in Table 34. By default, each regulator is initialized at
90 ° out of phase with respect to each other. For example, SW1x is set to 0 °, SW2 is set to 90 °, SW3A/B is set to 180 °, and
SW4 is set to 270 ° by default at power up.
Table 32. DVS Speed Selection for SW1A/B/C
SW1xDVSSPEED[1:0]
Function
00
25 mV step each 2.0
s
01 (default)
25 mV step each 4.0
s
10
25 mV step each 8.0
s
11
25 mV step each 16
s
Table 33. DVS Speed Selection for SW2, SW3A/B, and SW4
SWxDVSSPEED[1:0]
Function
SWx[6] = 0 or SWxSTBY[6] = 0
Function
SWx[6] = 1 or SWxSTBY[6] = 1
00
25 mV step each 2.0
s
50 mV step each 4.0
s
01 (default)
25 mV step each 4.0
s
50 mV step each 8.0
s
10
25 mV step each 8.0
s
50 mV step each 16
s
11
25 mV step each 16
s
50 mV step each 32
s
Actual
Output Voltage
Example
Actual Output
Voltage
Possible
Output Voltage
Window
Internally
Controlled Steps
Output Voltage
with light Load
Initial
Set Point
Voltage
Change
Request
Internally
Controlled Steps
Output
Voltage
Requested
Set Point
Initiated by I2C Programming, Standby Control
Request for
Higher Voltage
Request for
Lower Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com