Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 14Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
PF0100
General Description
Features
5
General Description
The PF0100 is the Power Management Integrated Circuit (PMIC) designed primarily for use with Freescale’s i.MX6 series of
application processors.
5.1
Features
This section summarizes the PF0100 features.
• Input voltage range to PMIC: 2.8 - 4.5 V
• Buck regulators
•
Four to six channel configurable
• SW1A/B/C, 4.5 A (single); 0.3 to 1.875 V
• SW1A/B, 2.5 A (single/dual); SW1C 2.0 A (independent); 0.3 to 1.875 V
•SW2, 2.0 A; 0.4 to 3.3 V
• SW3A/B, 2.5 A (single/dual); 0.4 to 3.3 V
• SW3A, 1.25 A (independent); SW3B, 1.25 A (independent); 0.4 to 3.3 V
•SW4, 1.0 A; 0.4 to 3.3 V
• SW4, VTT mode provide DDR termination at 50% of SW3A
•
Dynamic voltage scaling
•
Modes: PWM, PFM, APS
•
Programmable output voltage
•
Programmable current limit
•
Programmable soft start
•
Programmable PWM switching frequency
•
Programmable OCP with fault interrupt
• Boost regulator
•
SWBST, 5.0 to 5.15 V, 0.6 A, OTG support
•
Modes: PFM and Auto
•
OCP fault interrupt
•LDOs
•
Six user programable LDO
• VGEN1, 0.80 to 1.55 V, 100 mA
• VGEN2, 0.80 to 1.55 V, 250 mA
• VGEN3, 1.8 to 3.3 V, 100 mA
• VGEN4, 1.8 to 3.3 V, 350 mA
• VGEN5, 1.8 to 3.3 V, 100 mA
• VGEN6, 1.8 to 3.3 V, 200 mA
•
Soft start
•
LDO/Switch supply
• VSNVS (1.0/1.1/1.2/1.3/1.5/1.8/3.0 V), 400
A
• DDR memory reference voltage
•
VREFDDR, 0.6 to 0.9 V, 10 mA
•16 MHz internal master clock
• OTP(One time programmable) memory for device configuration
•
User programmable start-up sequence and timing
• Battery backed memory including coin cell charger
•I2C interface
• User programmable Standby, Sleep, and Off modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com