Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 137 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 9. PF0100 Typical Power Map
SW2
VDDHIGH
(0.4 to 3.3 V), 2.0 A
VDDARM_IN
VDDSOC_IN
VDDHIGH_IN
VDD_DDR_IO
i.MX6X
MCU
LDO_3p0
SWBST
5.0 V, 0.6 A
SW3B
DDR IO
(0.4 to 3.3 V), 1.25 A
SW3A
DDR CORE
(0.4 to 3.3 V), 1.25 A
SW1C
SOC
(0.3 to 1.875 V), 2.0 A
SW1B
CORE
(0.3 to 1.875 V), 1.25 A
SW1A
CORE
(0.3 to 1.875 V), 1.25 A
USB_OTG
Peripherals
VGEN1
(0.80 to 1.55 V),
100 mA
VGEN2
(0.80 to 1.55 V),
250 mA
VGEN3
(1.8 to 3.3 V),
100 mA
VSNVS_IN
VGEN4
(1.8 to 3.3 V),
350 mA
VGEN5
(1.8 to 3.3 V),
100 mA
VGEN6
(1.8 to 3.3 V),
200 mA
DDR3
SW4
System/VTT
(0.4 to 3.3 V)
(0.5*VDDR)
1.0 A
VREFDDR
0.5*VDDR, 10 mA
Coincell
VIN
SW3A/B
VIN
SW2
SW4
VINMAX = 3.4 V
VIN
2.8 - 4.5 V
VINMAX = 3.6 V
VSNVS
1.0 to 3.0 V,
400 uA
MUX /
COIN
CHRG
VINMAX = 4.5 V
VIN
SW2
SW4
VIN
SW2
SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com