Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 88Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 89Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 90Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 91Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 92Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 93Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 94Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 95Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 137 page
background image
Analog Integrated Circuit Device Data
92
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
VGEN3
Table 102. VGEN3 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111, IGEN3 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111,
IGEN3 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN3
Operating Input Voltage
1.8 V
 VGEN3NOM  2.5 V
2.6 V
 VGEN3NOM 3.3 V(60)
VIN2
2.8
VGEN3NOM+
0.250
–
–
3.6
3.6
V
Nominal Output Voltage
VGEN3NOM
–
Table 91
–V
Operating Load Current
IGEN3
0.0
–
100
mA
VGEN3 DC
Output Voltage Tolerance
VIN2MIN < VIN2 < 3.6 V
0.0 mA < IGEN3 < 100 mA
VGEN3[3:0] = 0000 to 1111
VGEN3TOL
-3.0
–
3.0
%
Load Regulation
(VGEN3 at IGEN3 = 100 mA) - (VGEN3 at IGEN3 = 0.0 mA)
For any VIN2MIN < VIN2 < 3.6 V
VGEN3LOR
–0.07–
mV/
mA
Line Regulation
(VGEN3 at VIN2 = 3.6 V) - (VGEN3 at VIN2MIN )
For any 0.0 mA < IGEN3 < 100 mA
VGEN3LIR
–0.8
–
mV/
mA
Current Limit
IGEN3 when VGEN3 is forced to VGEN3NOM/2
IGEN3LIM
127
167
200
mA
Over-current Protection Threshold
IGEN3 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN3OCP
120
–
200
mA
Quiescent Current
No load, Change in IVIN and IVIN2
When VGEN3 enabled
IGEN3Q
–13–
A
VGEN3 AC AND TRANSIENT
PSRR(61)
•IGEN3 = 75 mA, 20 Hz to 20 kHz
VGEN3[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
VGEN3[3:0] = 0000 - 1000, VIN2 = VGEN3NOM + 1.0 V
PSRRVGEN3
35
55
40
60
–
–
dB
Output Noise Density
•VIN2 = VIN2MIN, IGEN3 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN3
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
Hz
Turn-On Slew Rate
• 10% to 90% of end value
•VIN2MINVIN2  3.6 V, IGEN3 = 0.0 mA
VGEN3[3:0] = 0000 to 0011
VGEN3[3:0] = 0100 to 0111
VGEN3[3:0] = 1000 to 1011
VGEN3[3:0] = 1100 to 1111
SLWRVGEN3
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com