Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 41Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 42Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 43Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 44Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 45Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 46Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 47Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 48Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
PF0100
Functional Block Requirements and Behaviors
Power Generation
Table 40 provides a list of registers used to configure and operate SW1A/B/C and a detailed description on each one of these
register is provided in Table 41 through Table 50.
Table 40. SW1A/B/C Register Summary
Register
Address
Output
SW1ABVOLT
0x20
SW1AB Output voltage set point in normal operation
SW1ABSTBY
0x21
SW1AB Output voltage set point on Standby
SW1ABOFF
0x22
SW1AB Output voltage set point on Sleep
SW1ABMODE
0x23
SW1AB Switching Mode selector register
SW1ABCONF
0x24
SW1AB DVS, Phase, Frequency and ILIM configuration
SW1CVOLT
0x2E
SW1C Output voltage set point in normal operation
SW1CSTBY
0x2F
SW1C Output voltage set point in Standby
SW1COFF
0x30
SW1C Output voltage set point in Sleep
SW1CMODE
0x31
SW1C Switching Mode selector register
SW1CCONF
0x32
SW1C DVS, Phase, Frequency and ILIM configuration
Table 41. Register SW1ABVOLT - ADDR 0x20
Name
Bit #
R/W
Default
Description
SW1AB
5:0
R/W
0x00
Sets the SW1AB output voltage during normal
operation mode. See Table 39 for all possible
configurations.
UNUSED
7:6
–
0x00
UNUSED
Table 42. Register SW1ABSTBY - ADDR 0x21
Name
Bit #
R/W
Default
Description
SW1ABSTBY
5:0
R/W
0x00
Sets the SW1AB output voltage during Standby
mode. See Table 39 for all possible
configurations.
UNUSED
7:6
–
0x00
UNUSED
Table 43. Register SW1ABOFF - ADDR 0x22
Name
Bit #
R/W
Default
Description
SW1ABOFF
5:0
R/W
0x00
Sets the SW1AB output voltage during Sleep
mode. See Table 39 for all possible
configurations.
UNUSED
7:6
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com