Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 74Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 75Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
Analog Integrated Circuit Device Data
74
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Full setup and control of SW4 is done through the I2C registers listed on Table 78, and a detailed description of each one of the
registers is provided in Tables 79 to Table 83.
50
0110010
1.6500
114
1110010
3.3000
51
0110011
1.6750
115
1110011
Reserved
52
0110100
1.7000
116
1110100
Reserved
53
0110101
1.7250
117
1110101
Reserved
54
0110110
1.7500
118
1110110
Reserved
55
0110111
1.7750
119
1110111
Reserved
56
0111000
1.8000
120
1111000
Reserved
57
0111001
1.8250
121
1111001
Reserved
58
0111010
1.8500
122
1111010
Reserved
59
0111011
1.8750
123
1111011
Reserved
60
0111100
1.9000
124
1111100
Reserved
61
0111101
1.9250
125
1111101
Reserved
62
0111110
1.9500
126
1111110
Reserved
63
0111111
1.9750
127
1111111
Reserved
Notes
49.
For voltages less than 2.0 V, only use set points 0 to 63.
Table 78. SW4 Register Summary
Register
Address
Description
SW4VOLT
0x4A
Output voltage set point on normal operation
SW4STBY
0x4B
Output voltage set point on Standby
SW4OFF
0x4C
Output voltage set point on Sleep
SW4MODE
0x4D
Switching mode selector register
SW4CONF
0x4E
DVS, phase, frequency and ILIM configuration
Table 79. Register SW4VOLT - ADDR 0x4A
Name
Bit #
R/W
Default
Description
SW4
5:0
R/W
0x00
Sets the SW4 output voltage during normal
operation mode. See Table 77 for all possible
configurations.
SW4
6
R
0x00
Sets the operating output voltage range for SW4.
Set during OTP or TBB configuration only. See
Table 77 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 77. SW4 Output Voltage Configuration
Low Output Voltage Range(49)
High Output Voltage Range
Set Point
SW4[6:0]
SW4 Output
Set Point
SW4[6:0]
SW4 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com