Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 84Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 85Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 86Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 87Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 88Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 89Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 90Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 91Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 137 page
background image
Analog Integrated Circuit Device Data
88
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.6.4
External Components
Table 99 lists the typical component values for the general purpose LDO regulators.
6.4.6.5
LDO Specifications
VGEN1
Table 99. LDO External Components
Regulator
Output Capacitor (
F)(57)
VGEN1
2.2
VGEN2
4.7
VGEN3
2.2
VGEN4
4.7
VGEN5
2.2
VGEN6
2.2
Notes
57. Use X5R/X7R ceramic capacitors.
Table 100. VGEN1 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111,
IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN1
Operating Input Voltage
VIN1
1.75–3.40
V
Nominal Output Voltage
VGEN1NOM
–
Table 90
–V
Operating Load Current
IGEN1
0.0
–
100
mA
VGEN1 DC
Output Voltage Tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN1 < 100 mA
VGEN1[3:0] = 0000 to 1111
VGEN1TOL
-3.0
–
3.0
%
Load Regulation
(VGEN1 at IGEN1 = 100 mA) - (VGEN1 at IGEN1 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
VGEN1LOR
–0.15–
mV/
mA
Line Regulation
(VGEN1 at VIN1 = 3.4 V) - (VGEN1 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN1 < 100 mA
VGEN1LIR
–0.30–
mV/
mA
Current Limit
IGEN1 when VGEN1 is forced to VGEN1NOM/2
IGEN1LIM
122
167
200
mA
Overcurrent Protection Threshold
IGEN1 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN1OCP
115
–
200
mA
Quiescent Current
No load, Change in IVIN and IVIN1
When VGEN1 enabled
IGEN1Q
–14–
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com