Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 137 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Start-up
Figure 6. Default Start-up Sequence
Table 9. Default Start-up Sequence Timing
Parameter
Description
Min
Typ
Max
Unit
tD1
Turn-on delay of VSNVS (21)
–15–
ms
tR1
Rise time of VSNVS
–
3.0
–
ms
tD2
User determined delay
–
1.0
–
ms
tR2
Rise time of PWRON
–
(22)
–ms
tD3
Turn-on delay of first regulator
SEQ_CLK_SPEED[1:0] = 00
–
2.0
–
ms
SEQ_CLK_SPEED[1:0] = 01(23)
–2.5
–
SEQ_CLK_SPEED[1:0] = 10
–
4.0
–
SEQ_CLK_SPEED[1:0] = 11
–
7.0
–
*VSNVS will start from 1.0 V if LICELL is valid before VIN.
UVDET
LICELL
VIN
VSNVS
PWRON
SW1A/B
SW1C
SW2
VGEN2
SW3A/B
SW4
VREFDDR
VGEN4
VGEN5
VGEN6
RESETBMCU
td1
td3
td4
td4
tr1
tr3
tr3
tr3
td5
tr4
tr2
td2
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com