Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 56Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 57Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 58Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 59Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 60Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 61Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 62Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 63Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 137 page
background image
Analog Integrated Circuit Device Data
60
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 16. SW2 Efficiency Waveforms
6.4.4.5
SW3A/B
SW3A/B are 1.25 to 2.5 A rated buck regulators, depending on the configuration. Table 28 describes the available switching
modes and Table 29 show the actual configuration options for the SW3xMODE[3:0] bits.
SW3A/B can be configured in various phasing schemes, depending on the desired cost/performance trade-offs. The following
configurations are available:
• A single phase
• A dual phase
• Independent regulators
The desired configuration is programmed in OTP by using the SW3_CONFIG[1:0] bits.Table 62 shows the options for the
SW3CFG[1:0] bits.
Table 62. SW3 Configuration
SW3_CONFIG[1:0]
Description
00
A/B Single Phase
01
A/B Single Phase
10
A/B Dual Phase
11
A/B Independent
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
 (%
)
Load Current (mA)
PFM ‐ Vout = 3.15V
APS ‐ Vout = 3.15V
PWM ‐ Vout = 3.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com