Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 14Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Start-up
6
Functional Block Requirements and Behaviors
6.1
Start-up
The PF0100 can be configured to start-up from either the internal OTP configuration, or with a hard-coded configuration built in
to the device. The internal hard-coded configuration is enabled by connecting the VDDOTP pin to VCOREDIG through a
100 kohm resistor. The OTP configuration is enabled by connecting VDDOTP to GND.
For NP devices, selecting the OTP configuration causes the PF0100 to not start-up. However, the PF0100 can be controlled
through the I2C port for prototyping and programming. Once programmed, the NP device will startup with the customer
programmed configuration.
6.1.1
Device Start-up Configuration
Table 8 shows the Default Configuration which can be accessed on all devices as described above, as well as the pre-
programmed OTP configurations.
Table 8. Start-up Configuration
Registers
Default Configuration
Pre-programmed OTP Configuration
All Devices
F0
F1
F2
Default I2C Address
0x08
0x08
0x08
0x08
VSNVS_VOLT
3.0 V
3.0 V
3.0 V
3.0 V
SW1AB_VOLT
1.375 V
1.375 V
1.375 V
1.375 V
SW1AB_SEQ
1
1
1
1
SW1C_VOLT
1.375 V
1.375 V
1.375 V
1.375 V
SW1C_SEQ
1
2
1
1
SW2_VOLT
3.0 V
3.3 V
3.15 V
3.15 V
SW2_SEQ
2
5
2
2
SW3A_VOLT
1.5 V
1.5 V
1.2 V
1.5 V
SW3A_SEQ
3
3
4
4
SW3B_VOLT
1.5 V
1.5 V
1.2 V
1.5 V
SW3B_SEQ
3
3
4
4
SW4_VOLT
1.8 V
3.15 V
1.8 V
1.8 V
SW4_SEQ
3
6
3
3
SWBST_VOLT
-
5.0 V
5.0 V
5.0 V
SWBST_SEQ
-
13
6
6
VREFDDR_SEQ
3
3
4
4
VGEN1_VOLT
-
1.5 V
1.2 V
1.2 V
VGEN1_SEQ
-
9
4
4
VGEN2_VOLT
1.5 V
1.5 V
-
-
VGEN2_SEQ
2
10
-
-
VGEN3_VOLT
-
2.5 V
-
-
VGEN3_SEQ
-
11
-
-
VGEN4_VOLT
1.8 V
1.8 V
1.8 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com