Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 95Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 96Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
99
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.7
VSNVS LDO/Switch
VSNVS powers the low power, SNVS/RTC domain on the processor. It derives its power from either VIN, or coin cell, and cannot
be disabled. When powered by both, VIN takes precedence when above the appropriate comparator threshold. When powered
by VIN, VSNVS is an LDO capable of supplying seven voltages: 3.0, 1.8, 1.5, 1.3, 1.2, 1.1, and 1.0 V. The bits VSNVSVOLT[2:0]
in register VSNVS_CONTROL determine the output voltage. When powered by coin cell, VSNVS is an LDO capable of supplying
1.8, 1.5, 1.3, 1.2, 1.1, or 1.0 V as shown in Table 106. If the 3.0 V option is chosen with the coin cell, VSNVS tracks the coin cell
voltage by means of a switch, whose maximum resistance is 100
. In this case, the VSNVS voltage is simply the coin cell
voltage minus the voltage drop across the switch, which is 40 mV at a rated maximum load current of 400
A.
The default setting of the VSNVSVOLT[2:0] is 110, or 3.0 V, unless programmed otherwise in OTP. However, when the coin cell
is applied for the very first time, VSNVS will output 1.0 V. Only when VIN is applied thereafter will VSNVS transition to its default,
or programmed value if different. Upon subsequent removal of VIN, with the coin cell attached, VSNVS will change configuration
from an LDO to a switch for the “110” setting, and will remain as an LDO for the other settings, continuing to output the same
voltages as when VIN is applied, providing certain conditions are met as described in Table 106.
VGEN6 AC AND TRANSIENT (CONTINUED)
Turn-Off Time
Disable to 10% of initial value, VIN3 = VIN3MIN
IGEN6 = 0.0 mA
GEN6tOFF
––
10
ms
Start-Up Overshoot
VIN3 = VIN3MIN, 4.5 V, IGEN6 = 0 mA
GEN6OSHT
–1.0
2.0
%
Transient Load Response
VIN3 = VIN3MIN, 4.5 V
IGEN6 = 20 to 200 mA in 1.0 s
Peak of overshoot or undershoot of VGEN6 with respect to final
value. Refer to Figure 25
VGEN6LOTR
––
3.0
%
Transient Line Response
IGEN6 = 150 mA
VIN3INITIAL = 2.8 V to VIN3FINAL = 3.3 V for 
VGEN6[3:0] = 0000 to 0111
VIN3INITIAL = VGEN6+0.3 V to VIN3FINAL = VGEN6+0.8 V for
VGEN6[3:0] = 1000 to 1111
Refer to Figure 25
VGEN6LITR
–5.0
8.0
mV
Notes
66.
When the LDO Output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V
for proper regulation due to the dropout voltage generated through the internal LDO transistor.
67.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied
separately from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to
operate in the dropout region of the regulator under test. VIN3MIN refers to the minimum allowed input voltage for a particular output
voltage.
Table 105. VGEN6 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111,
IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com