Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 81Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 82Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 83Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 84Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 85Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 86Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 87Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 88Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
85
PF0100
Functional Block Requirements and Behaviors
Power Generation
Besides the output voltage configuration, the LDOs can be enabled or disabled at anytime during normal mode operation, as well
as programmed to stay “ON” or be disabled when the PMIC enters Standby mode. Each regulator has associated I2C bits for
this. Table 92 presents a summary of all valid combinations of the control bits on VGENxCTL register and the expected behavior
of the LDO output.
Table 91. VGEN3/ 4/ 5/ 6 Output Voltage Configuration
Set Point
VGENx[3:0]
VGENx Output (V)
0
0000
1.80
1
0001
1.90
2
0010
2.00
3
0011
2.10
4
0100
2.20
5
0101
2.30
6
0110
2.40
7
0111
2.50
8
1000
2.60
9
1001
2.70
10
1010
2.80
11
1011
2.90
12
1100
3.00
13
1101
3.10
14
1110
3.20
15
1111
3.30
Table 92. LDO Control
VGENxEN
VGENxLPWR
VGENxSTBY
STANDBY(56)
VGENxOUT
0X
X
X
Off
10
0
X
On
1
1
0
X
Low Power
1X
1
0
On
10
1
1
Off
1
1
1
1
Low Power
Notes
56.
STANDBY refers to a Standby event as described earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com