Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 65Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW3A/B External Components
SW3A/B Specifications
Table 75. SW3A/B External Component Requirements
Mode
Components
Description
SW3A/B Single
Phase
SW3A/B Dual
Phase
SW3A Independent
SW3B Independent
CINSW3A(46)
SW3A Input capacitor
4.7
F4.7 F4.7 F
CIN3AHF(46)
SW3A Decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW3B(46)
SW3B Input capacitor
4.7
F4.7 F4.7 F
CIN3BHF(46)
SW3B Decoupling input capacitor
0.1
F0.1 F0.1 F
COSW3A(46)
SW3A Output capacitor
4 x 22
F
2 x 22
F
2 x 22
F
COSW3B(46)
SW3B Output capacitor
–
2 x 22
F
2 x 22
F
LSW3A
SW3A Inductor
1.0
H
DCR = 50 m
ISAT = 3.9 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
LSW3B
SW3B Inductor
–
1.0
H
DCR = 60 m
ISAT = 3.0 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
Notes
46.
Use X5R or X7R capacitors.
Table 76. SW3A/B Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit
SWITCH MODE SUPPLY SW3A/B
Operating Input Voltage(47)
VINSW3x
2.8
–
4.5
V
Nominal Output Voltage
VSW3x
-
Table 63
-V
Output Voltage Accuracy
• PWM, APS 2.8 V < VIN < 4.5 V, 0 < ISW3x < ISW3xMAX
0.4 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
• PFM , steady state (2.8 V < VIN < 4.5 V, 0 < ISW3x < 50 mA)
0.4 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
VSW3xACC
-25
-3.0%
-6.0%
-65
-6.0%
-6.0%
–
–
–
–
–
–
25
3.0%
6.0%
65
6.0%
6.0%
mV
%
Rated Output Load Current (48)
• 2.8 V < VIN < 4.5 V, 0.4 V < VSW3x < 3.3 V
PWM, APS mode single/dual phase
PWM, APS mode independent (per phase)
ISW3x
–
–
–
–
2500
1250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com