Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
PF0100
General Product Characteristics
Absolute Maximum Ratings
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause malfunction or permanent
damage to the device. The detailed maximum voltage rating per pin can be found in the pin list section.
Symbol
Description
Value
Unit
ELECTRICAL RATINGS
VIN
Main input supply voltage
-0.3 to 4.8
V
VDDOTP
OTP programming input supply voltage
-0.3 to 9.0
V
VLICELL
Coin cell voltage
-0.3 to 3.6
V
VESD
ESD Ratings
Human Body Model(5)
Charge Device Model(5)
±2000
±500
V
Notes
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500
), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com