Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 29Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 9 shows a simplified power map with various recommended options to supply the different block within the PF0100, as
well as the typical application voltage domain on the i.MX6X processor. Note that each application power tree is dependent upon
the system’s voltage and current requirements, therefore a proper input voltage should be selected for the regulators.
The minimum operating voltage for the main VIN supply is 2.8 V, for lower voltages proper operation is not guaranteed. However
at initial power up, the input voltage must surpass the rising UVDET threshold before proper operation is guaranteed. Refer to
the representative tables and text specifying each supply for information on performance metrics and operating ranges. Table 27
summarizes the UVDET thresholds.
Table 26. Power Tree Summary
Supply
Output Voltage (V)
Step Size (mV)
Maximum Load Current (mA)
SW1A/B
0.3 - 1.875
25
2500
SW1C
0.3 - 1.875
25
2000
SW2
0.4 - 3.3
25/50
2000
SW3A/B
0.4 - 3.3
25/50
1250(37)
SW4
0.5*SW3A_OUT,
0.4 - 3.3
25/50
1000
SWBST
5.00/5.05/5.10/5.15
50
600
VGEN1
0.80 – 1.55
50
100
VGEN2
0.80 – 1.55
50
250
VGEN3
1.8 – 3.3
100
100
VGEN4
1.8 – 3.3
100
350
VGEN5
1.8 – 3.3
100
100
VGEN6
1.8 – 3.3
100
200
VSNVS
1.0 - 3.0
NA
0.4
VREFDDR
0.5*SW3A_OUT
NA
10
Notes
37.
Current rating per independent phase, when SW3A/B is set in single or dual phase, current capability is up
to 2500 mA.
Table 27. UVDET Threshold
UVDET Threshold
VIN
Rising
3.1 V
Falling
2.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com