Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 94Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 95Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 96Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 137 page
background image
Analog Integrated Circuit Device Data
98
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
VGEN6
Table 105. VGEN6 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111,
IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN6
Operating Input Voltage
1.8 V
 VGEN6NOM  2.5 V
2.6 V
 VGEN6NOM  3.3 V(66)
VIN3
2.8
VGEN6NOM+
0.250
–
–
4.5
4.5
V
Nominal Output Voltage
VGEN6NOM
–
Table 91
–V
Operating Load Current
IGEN6
0.0
–
200
mA
VGEN6 DC
Output Voltage Tolerance
VIN3MIN < VIN3 < 4.5 V
0.0 mA < IGEN6 < 200 mA
VGEN6[3:0] = 0000 to 1111
VGEN6TOL
-3.0
–
3.0
%
Load Regulation
(VGEN6 at IGEN6 = 200 mA) - (VGEN6 at IGEN6 = 0.0 mA)
For any VIN3MIN < VIN3 < 4.5 V
VGEN6LOR
–0.10–
mV/
mA
Line Regulation
(VGEN6 at VIN3 = 4.5 V) - (VGEN6 at VIN3MIN)
For any 0.0 mA < IGEN6 < 200 mA
VGEN6LIR
–0.50–
mV/
mA
Current Limit
IGEN6 when VGEN6 is forced to VGEN6NOM/2
IGEN6LIM
232
333
400
mA
Over Current Protection Threshold
IGEN6 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN6OCP
220
–
400
mA
Quiescent Current
No load, Change in IVIN and IVIN3
When VGEN6 enabled
IGEN6Q
–13–
A
VGEN6 AC AND TRANSIENT
PSRR(67)
•IGEN6 = 150 mA, 20 Hz to 20 kHz
VGEN6[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
VGEN6[3:0] = 0000 - 1111, VIN3 = VGEN6NOM + 1.0 V
PSRRVGEN6
35
52
40
60
–
–
dB
Output Noise Density
•VIN3 = VIN3MIN, IGEN6 = 150 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN6
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
Hz
Turn-On Slew Rate
• 10% to 90% of end value
•VIN3MIN VIN3 4.5 V. IGEN6 = 0.0 mA
VGEN6[3:0] = 0000 to 0011
VGEN6[3:0] = 0100 to 0111
VGEN6[3:0] = 1000 to 1011
VGEN6[3:0] = 1100 to 1111
SLWRVGEN6
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
s
Turn-On Time
Enable to 90% of end value, VIN3 = VIN3MIN, 4.5 V
IGEN6 = 0.0 mA
GEN6tON
60
–
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com