Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 137 page
background image
Analog Integrated Circuit Device Data
70
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
SWITCH MODE SUPPLY SW3A/B (CONTINUED)
Current Limiter Peak Current Detection
• Single phase (Current through inductor)
SW3xILIM = 0
SW3xILIM = 1
• Independent mode or Dual phase (Current through inductor per
phase)
SW3xILIM = 0
SW3xILIM = 1
ISW3xLIM
3.5
2.7
1.8
1.3
5.0
3.8
2.5
1.9
6.5
4.9
3.3
2.5
A
Start-up Overshoot
ISW3x = 0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW3x = 4.5 V
VSW3xOSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW3x = 0 mA
DVS clk = 25 mV/4
s, VIN = VINSW3x = 4.5 V
tONSW3x
–
–
500
µs
Switching Frequency
SW3xFREQ[1:0] = 00
SW3xFREQ[1:0] = 01
SW3xFREQ[1:0] = 10
fSW3x
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Efficiency (Single Phase)
•fSW3 = 2.0 MHz, LSW3x 1.0 H
PFM, 1.5 V, 1.0 mA
PFM, 1.5 V, 50 mA
APS, PWM 1.5 V, 500 mA
APS, PWM 1.5 V, 750 mA
APS, PWM 1.5 V, 1250 mA
APS, PWM 1.5 V, 2500 mA
SW3AB
–
–
–
–
–
–
84
85
85
84
80
74
–
–
–
–
–
–
%
Output Ripple
VSW3x
–10–
mV
Line Regulation (APS, PWM)
VSW3xLIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW3xLOR
––
20
mV
Transient Load Regulation
• Transient Load = 0.0 mA to ISW3x/2, di/dt = 100 mA/s
Overshoot
Undershoot
VSW3xLOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode (Single/Dual Phase)
APS Mode (Single/Dual Phase)
PFM Mode (Independent mode)
APS Mode (SW3A Independent mode)
APS Mode (SW3B Independent mode)
ISW3xQ
–
–
–
–
–
22
300
50
250
150
–
–
–
–
–
µA
SW3A P-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
RONSW3AP
–
215
245
m
SW3A N-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
RONSW3AN
–
258
326
m
SW3A P-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
ISW3APQ
––
7.5
µA
Table 76. SW3A/B Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com