Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMPF0100NPEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
Document order number: MMPF0100
Rev. 4.0, 5/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2012. All rights reserved.
14 Channel Configurable Power
Management Integrated Circuit
The PF0100 Power Management Integrated Circuit (PMIC) provides a
highly programmable/ configurable architecture, with fully integrated
power devices and minimal external components. With up to six buck
converters, six linear regulators, RTC supply, and coin-cell charger,
the PF0100 can provide power for a complete system, including
applications processors, memory, and system peripherals, in a wide
range of applications. With on-chip One Time Programmable (OTP)
memory, the PF0100 is available in pre-programmed standard
versions, or non-programmed to support custom programming. The
PF0100 is defined to power the entire embedded MCU platform
solution similar to i.MX6 based eReader, IPTV, medical monitoring and
home/factory automation.
Features:
• Four to six buck converters, depending on configuration
•
Single/Dual phase/ parallel options
•
DDR termination tracking mode option
• Boost regulator to 5.0 V output
• Six general purpose linear regualtors
• Programmable output voltage, sequence, and timing
• OTP (One Time Programmable) memory for device configuration
• Coin cell charger and RTC supply
• DDR termination reference voltage
• Power control logic with processor interface and event detection
•I2C control
• Individually programmable ON, OFF, and Standby modes
Figure 1. Simplified Application Diagram
POWER MANAGEMENT
PF0100
Applications:
• Tablets
•IPTV
• Industrial control
• Medical monitoring
• Home automation/ alarm/ energy management
EP SUFFIX (E-TYPE)
98ASA00405D
56 QFN 8X8
VGEN3
100 mA
VGEN5
100 mA
Camera
Audio
Codec
Cluster/HUD
External AMP
Microphones
Speakers
Front USB
POD
Rear USB
POD
Rear Seat
Infotaiment
Sensors
i.MX6X
I2C Communication
I2C Communication
PF0100
Control Signals
Parallel control/GPIOS
LICELL
Charger
COINCELL
Main Supply
2.8 – 4.5 V
VGEN1
100 mA
VGEN2
250 mA
VGEN4
350 mA
VGEN6
200 mA
SWBST
600 mA
SW3A/B
2500 mA
SW1C
2000 mA
SW1A/B
2500 mA
SW2
2000 mA
SW4
1000 mA
GPS
MIPI
uPCIe
SATA - FLASH
NAND - NOR
Interfaces
Processor Core
Voltages
Camera
VREFDDR
DDR Memory
DDR MEMORY
INTERFACE
SD-MMC/
NAND Mem.
SATA
HDD
WAM
GPS
MIPI
HDMI
LDVS Display
USB
Ethernet
CAN


Similar Part No. - MMPF0100NPEP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMPF0100NPAEP NXP-MMPF0100NPAEP Datasheet
1Mb / 136P
14 channel configurable power management integrated circuit
Rev. 18, 7/2019
MMPF0100NPAEP NXP-MMPF0100NPAEP Datasheet
2Mb / 137P
14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0100NPAEP NXP-MMPF0100NPAEP Datasheet
1Mb / 137P
14 channel configurable power management integrated circuit
Rev. 20, 5/2022
MMPF0100NPAEP NXP-MMPF0100NPAEP Datasheet
2Mb / 136P
14 channel configurable power management integrated circuit
1/2017
MMPF0100NPAEPR2 NXP-MMPF0100NPAEPR2 Datasheet
2Mb / 136P
14 channel configurable power management integrated circuit
1/2017
More results

Similar Description - MMPF0100NPEP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
26V Step-Up Converters for Two to Six White LEDs
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
logo
NICHIA CORPORATION
SP-QR-C-1841A NICHIA-SP-QR-C-1841A Datasheet
91Kb / 1P
Heat Dissipation from NC4U13xx depending on Tj
SP-QR-C-2037A NICHIA-SP-QR-C-2037A Datasheet
112Kb / 1P
Heat Dissipation from NCSU03xx depending on Tj
logo
List of Unclassifed Man...
2005B ETC2-2005B Datasheet
605Kb / 1P
100 kHz to 150 MHz on six bands
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
Four 4-MHz Buck Converters for AWR and IWR MMICs
LP876242-Q1 TI-LP876242-Q1 Datasheet
7Mb / 292P
LP876242-Q1 Four 8.8-MHz Buck Converters for AWR and IWR MMICs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com