Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 38Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 39Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 137 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Transitioning between Normal and Standby modes can affect a change in switching modes as well as output voltage. The rate
of the output voltage change is controlled by the Dynamic Voltage Scaling (DVS), explained in Dynamic Voltage Scaling. For
each regulator, the output voltage options are the same for Normal and Standby modes.
When in Standby mode, the regulator outputs the voltage programmed in its standby voltage register and will operate in the mode
selected by the SWxMODE[3:0] bits. Upon exiting Standby mode, the regulator will return to its normal switching mode and its
output voltage programmed in its voltage register.
Any regulators whose SWxOMODE bit is set to “1” will enter Sleep mode if a PWRON turn-off event occurs, and any regulator
whose SWxOMODE bit is set to “0” will be turned off. In Sleep mode, the regulator outputs the voltage programmed in its off
(Sleep) voltage register and operates in the PFM mode. The regulator will exit the Sleep mode when a turn-on event occurs. Any
regulator whose SWxOMODE bit is set to “1” will remain on and change to its normal configuration settings when exiting the Sleep
state to the ON state. Any regulator whose SWxOMODE bit is set to “0” will be powered up with the same delay in the start-up
sequence as when powering On from Off. At this point, the regulator returns to its default ON state output voltage and switch
mode settings.
Table 23 shows the control bits in Sleep mode. When Sleep mode is activated by the SWxOMODE bit, the regulator will use the
set point as programmed by SW1xOFF[5:0] for SW1A/B/C and by SWxOFF[6:0] for SW2, SW3A/B, and SW4.
Dynamic Voltage Scaling
To reduce overall power consumption, processor core voltages can be varied depending on the mode or activity level of the
processor.
1. Normal operation: The output voltage is selected by I2C bits SW1x[5:0] for SW1A/B/C and SWx[6:0] for SW2, SW3A/B,
and SW4. A voltage transition initiated by I2C is governed by the DVS stepping rates shown in Table 32 and Table 33.
2. Standby Mode: The output voltage can be higher, or lower than in normal operation, but is typically selected to be the
lowest state retention voltage of a given processor; it is selected by I2C bits SW1xSTBY[5:0] for SW1A/B/C and by bits
SWxSTBY[6:0] for SW2, SW3A/B, and SW4. Voltage transitions initiated by a Standby event are governed by the
SW1xDVSSPEED[1:0] and SWxDVSSPEED[1:0] I2C bits shown in Table 32 and Table 33, respectively.
3. Sleep Mode: The output voltage can be higher or lower than in normal operation, but is typically selected to be the lowest
state retention voltage of a given processor; it is selected by I2C bits SW1xOFF[5:0] for SW1A/B/C and by bits
SWxOFF[6:0] for SW2, SW3A/B, and SW4. Voltage transitions initiated by a turn-off event are governed by the
SW1xDVSSPEED[1:0] and SWxDVSSPEED[1:0] I2C bits shown in Table 32 and Table 33, respectively.
Table 30, Table 31, Table 32, and Table 33 summarize the set point control and DVS time stepping applied to all regulators.
1110
Reserved
Reserved
1111
Reserved
Reserved
Table 30. DVS Control Logic for SW1A/B/C
STANDBY
Set Point Selected by
0
SW1x[5:0]
1
SW1xSTBY[5:0]
Table 31. DVS Control Logic for SW2, SW3A/B, and SW4
STANDBY
Set Point Selected by
0
SWx[6:0]
1
SWxSTBY[6:0]
Table 29. Regulator Mode Control
SWxMODE[3:0]
Normal Mode
Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com