Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 74Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 75Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
75
PF0100
Functional Block Requirements and Behaviors
Power Generation
Table 80. Register SW4STBY - ADDR 0x4B
Name
Bit #
R/W
Default
Description
SW4STBY
5:0
R/W
0x00
Sets the SW4 output voltage during Standby
mode. See Table 77 for all possible
configurations.
SW4STBY
6
R
0x00
Sets the operating output voltage range for SW4
on Standby mode. This bit inherits the value
configured on bit SW4[6] during OTP or TBB
configuration. See Table 77 for all possible
configurations.
UNUSED
7
–
0x00
UNUSED
Table 81. Register SW4OFF - ADDR 0x4C
Name
Bit #
R/W
Default
Description
SW4OFF
5:0
R/W
0x00
Sets the SW4 output voltage during Sleep mode.
See Table 77 for all possible configurations.
SW4OFF
6
R
0x00
Sets the operating output voltage range for SW4
on Sleep mode. This bit inherits the value
configured on bit SW4[6] during OTP or TBB
configuration. See Table 77 for all possible
configurations.
UNUSED
7
–
0x00
UNUSED
Table 82. Register SW4MODE - ADDR 0x4D
Name
Bit #
R/W
Default
Description
SW4MODE
3:0
R/W
0x80
Sets the SW4 switching operation mode.
See Table 28 for all possible configurations.
UNUSED
4
–
0x00
UNUSED
SW4OMODE
5
R/W
0x00
Set status of SW4 when in Sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
UNUSED
Table 83. Register SW4CONF - ADDR 0x4E
Name
Bit #
R/W
Default
Description
SW4ILIM
0
R/W
0x00
SW4 current limit level selection
0 = High level Current limit
1 = Low level Current limit
UNUSED
1
R/W
0x00
Unused
SW4FREQ
3:2
R/W
0x00
SW4 switching frequency selector. See Table 36.
SW4PHASE
5:4
R/W
0x00
SW4 Phase clock selection. See Table 34.
SW4DVSSPEED
7:6
R/W
0x00
SW4 DVS speed selection. See Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com