Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 50Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 51Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 52Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 53Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 54Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 55Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 56Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 57Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 137 page
background image
Analog Integrated Circuit Device Data
54
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.4.4
SW2
SW2 is a single phase, 2.0 A rated buck regulator. Table 28 describes the modes, and Table 29 show the options for the
SWxMODE[3:0] bits.
Figure 15 shows the block diagram and the external component connections for SW2 regulator.
Figure 15. SW2 Block Diagram
SW2 Setup and Control Registers
SW2 output voltage is programmable from 0.400 to 3.300 V; however, bit SW2[6] in register SW2VOLT is read-only during
normal operation. Its value is determined by the default configuration, or may be changed by using the OTP registers. Therefore,
once SW2[6] is set to “0”, the output will be limited to the lower output voltages from 0.400 to 1.975 V with 25 mV increments, as
determined by bits SW2[5:0]. Likewise, once bit SW2[6] is set to “1”, the output voltage will be limited to the higher output voltage
range from 0.800 to 3.300 V with 50 mV increments, as determined by bits SW2[5:0].
In order to optimize the performance of the regulator, it is recommended that only voltages from 2.000 to 3.300 V be used in the
high range, and the lower range be used for voltages from 0.400 to 1.975 V.
The output voltage set point is independently programmed for Normal, Standby, and Sleep mode by setting the SW2[5:0],
SW2STBY[5:0] and SW2OFF[5:0] bits, respectively. However, the initial state of bit SW2[6] will be copied into bits SW2STBY[6],
and SW2OFF[6] bits. Therefore, the output voltage range will remain the same in all three operating modes. Table 53 shows the
output voltage coding valid for SW2.
Table 53. SW2 Output Voltage Configuration
Low Output Voltage Range(41)
High Output Voltage Range
Set Point
SW2[6:0]
SW2 Output
Set Point
SW2[6:0]
SW2 Output
0
0000000
0.4000
64
1000000
0.8000
1
0000001
0.4250
65
1000001
0.8500
2
0000010
0.4500
66
1000010
0.9000
3
0000011
0.4750
67
1000011
0.9500
4
0000100
0.5000
68
1000100
1.0000
5
0000101
0.5250
69
1000101
1.0500
6
0000110
0.5500
70
1000110
1.1000
7
0000111
0.5750
71
1000111
1.1500
8
0001000
0.6000
72
1001000
1.2000
9
0001001
0.6250
73
1001001
1.2500
10
0001010
0.6500
74
1001010
1.3000
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW2IN
SW2LX
SW2FB
ISENSE
COSW2
CINSW2
LSW2
I2C
Interface
EP
SW2
SW2MODE
SW2FAULT
VREF
DAC
I2C
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com