Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 28Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 29Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 137 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.1.4
Sleep Mode
• Depending on PWRON pin configuration, Sleep mode is entered when PWRON is de-asserted and SWxOMODE bit is set.
• To exit Sleep mode, assert the PWRON pin.
In the Sleep mode, the regulator will use the set point as programmed by SW1xOFF[5:0] for SW1A/B/C and by SWxOFF[6:0] for
SW2, SW3A/B, and SW4. The activated regulators will maintain settings for this mode and voltage until the next turn-on event.
Table 23 shows the control bits in Sleep mode. During Sleep mode, interrupts are active and the INTB pin will report any
unmasked fault event.
6.4.1.5
Coin Cell Mode
In the Coin Cell state, the coin cell is the only valid power source (VIN = 0.0 V) to the PMIC. No turn-on event is accepted in the
Coin Cell state. Transition to the OFF state requires that VIN surpasses UVDET threshold. RESETBMCU is held low in this mode.
If the coin cell is depleted, a complete system reset will occur. At the next application of power and the detection of a Turn-on
event, the system will be re-initialized with all I2C bits including, those that reset on COINPORB are restored to their default
states.
Table 23. Regulator Mode Control
SWxOMODE
Off Operational Mode (Sleep) (35)
0Off
1PFM
Notes
35.
For sleep mode, an activated switching regulator, should use the off
mode set point as programmed by SW1xOFF[5:0] for SW1A/B/C and
SWxOFF[6:0] for SW2, SW3A/B, and SW4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com