Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 25Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 28Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 29Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
PF0100
Functional Block Requirements and Behaviors
Bias and References Block Description
VREFDDR Specifications
Table 20. VREFDDR Electrical Characteristics
TA = -40 to 85 °C, VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical external component values, unless otherwise
noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VREFDDR
Operating Input Voltage Range
VINREFDDR
1.2
–
1.8
V
Operating Load Current Range
IREFDDR
0.0
–
10
mA
Current Limit
IREFDDR when VREFDDR is forced to VINREFDDR/4
IREFDDRLIM
10.5
15
25
mA
Quiescent Current(30)
IREFDDRQ
–8.0
–
A
ACTIVE MODE – DC
Output Voltage
1.2 V < VINREFDDR < 1.8 V
0.0 mA < IREFDDR < 10 mA
VREFDDR
–VINREFDDR/2
–
V
Output Voltage Tolerance
1.2 V < VINREFDDR < 1.8 V
0.6 mA
IREFDDR 10 mA
VREFDDRTOL
–1.0
–
1.0
%
Load Regulation
1.0 mA < IREFDDR < 10 mA
1.2 V < VINREFDDR < 1.8 V
VREFDDRLOR
–0.40–
mV/mA
ACTIVE MODE – AC
Turn-on Time
Enable to 90% of end value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
tONREFDDR
–
–
100
s
Turn-Off Time
Disable to 10% of initial value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
tOFFREFDDR
––
10
ms
Start-up Overshoot
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
VREFDDROSH
–1.0
6.0
%
Transient Load Response
VINREFDDR = 1.2 V, 1.8 V
VREFDDRTLR
–5.0
–
mV
Notes
30.
When VREFDDR is off there is a quiescent current of 1.5
A typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com