Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 79Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 80Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 81Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 82Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 83Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 137 page
background image
Analog Integrated Circuit Device Data
80
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.5.2
SWBST External Components
6.4.5.3
SWBST Specifications
UNUSED
7
–
0x00
UNUSED
Notes
53.
In Auto mode, the controller automatically switches between PFM and APS modes depending on the load current.
Table 87. SWBST External Component Requirements
Components
Description
Values
CINBST(54)
SWBST input capacitor
10
F
CINBSTHF(54)
SWBST decoupling input capacitor
0.1
F
COBST(54)
SWBST output capacitor
2 x 22
F
LSBST
SWBST inductor
2.2
H
DBST
SWBST boost diode
1.0 A, 20 V Schottky
Notes
54.
Use X5R or X7R capacitors.
Table 88. SWBST Electrical Specifications
All parameters are specified at TA = -40 to 85 °C, VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, typical external
component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at VIN = VINSWBST = 3.6 V,
VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
SWITCH MODE SUPPLY SWBST
Input Voltage Range
VINSWBST
2.8
–
4.5
V
Nominal Output Voltage
VSWBST
–
Table 86
–V
Output Voltage Accuracy
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX
VSWBSTACC
-4.0
–
3.0
%
Output Ripple
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX, excluding reverse recovery of
Schottky diode
VSWBST
–
–
120
mV
Vp-p
DC Load Regulation
0 < ISWBST < ISWBSTMAX
VSWBSTLOR
–0.5
–
mV/
mA
DC Line Regulation
2.8 V
 VIN 4.5 V, ISWBST = ISWBSTMAX
VSWBSTLIR
–
50
–
mV
Continuous Load Current
2.8 V
 VIN  3.0 V
3.0 V
 VIN  4.5 V
ISWBST
–
–
–
–
500
600
mA
Quiescent Current
AUTO
ISWBSTQ
–
222
289
A
MOSFET on Resistance
RDSONBST
–
206
306
m
Peak Current Limit (55)
ISWBSTLIM
1400
2200
3200
mA
Table 86. Register SWBSTCTL - ADDR 0x66
Name
Bit #
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com