Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 25Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
16 MHz and 32 kHz Clocks
6.2
16 MHz and 32 kHz Clocks
There are two clocks: a trimmed 16 MHz, RC oscillator and an untrimmed 32 kHz, RC oscillator. The 16 MHz oscillator is
specified within -8.0/+8.0%. The 32 kHz untrimmed clock is only used in the following conditions:
• VIN < UVDET
• All regulators are in SLEEP mode
• All regulators are in PFM switching mode
A 32 kHz clock, derived from the 16 MHz trimmed clock, is used when accurate timing is needed under the following conditions:
• During start-up, VIN > UVDET
• PWRON_CFG = 1, for power button debounce timing
In addition, when the 16 MHz is active in the ON mode, the debounce times in Table 25 are referenced to the 32 kHz derived
from the 16 MHz clock. The exceptions are the LOWVINI and PWRONI interrupts, which are referenced to the 32 kHz untrimmed
clock.
6.2.1
Clock adjustment
The 16 MHz clock and hence the switching frequency of the regulators, can be adjusted to improve the noise integrity of the
system. By changing the factory trim values of the 16MHz clock, the user may add an offset as small as
3.0% of the nominal
frequency. Contact your Freescale representative for detailed information on this feature.
6.3
Bias and References Block Description
6.3.1
Internal Core Voltage References
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at VCOREREF. The
bandgap and the rest of the core circuitry are supplied from VCORE. The performance of the regulators is directly dependent on
the performance of the bandgap. No external DC loading is allowed on VCORE, VCOREDIG, or VCOREREF. VCOREDIG is
kept powered as long as there is a valid supply and/or valid coin cell. Table 16 shows the main characteristics of the core circuitry.
Table 14. Source of Start-up Sequence
VDDOTP(V)
TBB_POR
FUSE_POR
Start-up Sequence
0
0
0
None
0
0
1
OTP fuses
0
1
x
TBBOTP registers
1.5
x
x
Factory defined
Table 15. 16 MHz Clock Specifications
TA = -40 to 85°C, VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V and typical external component values. Typical values are
characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
Operating Voltage From VIN
VIN16MHz
2.8
–
4.5
V
16 MHz Clock Frequency
f16MHZ
14.7
16
17.2
MHz
2.0 MHz Clock Frequency (25)
f2MHZ
1.84
–
2.15
MHz
Notes
25.
2.0 MHz clock is derived from the 16 MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com