Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 83Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 84Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 85Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 86Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 87Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 88Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 89Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 90Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
PF0100
Functional Block Requirements and Behaviors
Power Generation
Table 96. Register VGEN4CTL - ADDR 0x6F
Name
Bit #
R/W
Default
Description
VGEN4
3:0
R/W
0x80
Sets VGEN4 output voltage.
See Table 91 for all possible configurations.
VGEN4EN
4
–
0x00
Enables or Disables VGEN4 output
0 = OFF
1 = ON
VGEN4STBY
5
R/W
0x00
Set VGEN4 output state when in Standby. Refer
to Table 92.
VGEN4LPWR
6
R/W
0x00
Enable Low Power Mode for VGEN4. Refer to
Table 92.
UNUSED
7
–
0x00
UNUSED
Table 97. Register VGEN5CTL - ADDR 0x70
Name
Bit #
R/W
Default
Description
VGEN5
3:0
R/W
0x80
Sets VGEN5 output voltage.
See Table 91 for all possible configurations.
VGEN5EN
4
–
0x00
Enables or Disables VGEN5 output
0 = OFF
1 = ON
VGEN5STBY
5
R/W
0x00
Set VGEN5 output state when in Standby. Refer
to Table 92.
VGEN5LPWR
6
R/W
0x00
Enable Low Power Mode for VGEN5. Refer to
Table 92.
UNUSED
7
–
0x00
UNUSED
Table 98. Register VGEN6CTL - ADDR 0x71
Name
Bit #
R/W
Default
Description
VGEN6
3:0
R/W
0x80
Sets VGEN6 output voltage.
See Table 91 for all possible configurations.
VGEN6EN
4
–
0x00
Enables or Disables VGEN6 output
0 = OFF
1 = ON
VGEN6STBY
5
R/W
0x00
Set VGEN6 output state when in Standby. Refer
to Table 92.
VGEN6LPWR
6
R/W
0x00
Enable Low Power Mode for VGEN6. Refer to
Table 92.
UNUSED
7
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com