Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 14Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
PF0100
General Product Characteristics
Electrical Characteristics
4.3.2
Current Consumption
The current consumption of the individual blocks is described in detail throughout this specification. For convenience, a summary
table follows for standard use cases.
Table 7. Current Consumption Summary
TA = -40 to 85 °C, VIN = 3.6 V, VDDIO = 1.7 to 3.6 V, LICELL = 1.8 to 3.3 V, VSNVS = 3.0 V, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VDDIO = 3.3 V, LICELL = 3.0 V, VSNVS = 3.0 V and
25 °C, unless otherwise noted.
Mode
PF0100 Conditions
System Conditions
Typical
MAX
Unit
Coin Cell
(15),(16)
VSNVS from LICELL
All other blocks off
VIN = 0.0 V
VSNVSVOLT[2:0] = 110
No load on VSNVS
4.0
7.0
A
Off (15)(17)
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
UVDET
No load on VSNVS, PMIC able to wake-up
16
21
A
Sleep (18)
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3A/B PFM
Trimmed 16 MHz RC off
32 k RC on
VREFDDR disabled
No load on VSNVS. DDR memories in self
refresh
122
220
A
Standby (18)
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW1C in PFM
SW2 in PFM
SW3A/B combined in PFM
SW4 in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in
low power mode. All rails powered on
except boost (load = 0 mA)
297
297
450 (19)
1000 (20)
A
Notes
15.
At 25 °C only.
16.
Refer to Figure 4 for Coin Cell mode characteristics over temperature.
17.
When VIN is below the UVDET threshold, in the range of 1.8 V
VIN < 2.65 V, the quiescent current increases by 50 A, typically.
18.
For PFM operation, headroom should be 300 mV or greater.
19.
From 0 °C to 85 °C
20.
From -40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com