Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 85Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 86Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 87Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 88Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 89Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 90Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 91Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 92Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
89
PF0100
Functional Block Requirements and Behaviors
Power Generation
VGEN1 AC AND TRANSIENT
PSRR(58)
•IGEN1 = 75 mA, 20 Hz to 20 kHz
VGEN1[3:0] = 0000 - 1101
VGEN1[3:0] = 1110, 1111
PSRRVGEN1
50
37
60
45
–
–
dB
Output Noise Density
VIN1 = 1.75 V, IGEN1 = 75 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN1
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
Hz
Turn-on Slew Rate
• 10% to 90% of end value
•1.75 V
VIN1  3.4 V, IGEN1 = 0.0 mA
VGEN1[3:0] = 0000 to 0111
VGEN1[3:0] = 1000 to 1111
SLWRVGEN1
–
–
–
–
12.5
16.5
mV
s
Turn-On Time
Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
IGEN1 = 0.0 mA
GEN1tON
60
–
500
s
Turn-Off Time
Disable to 10% of initial value, VIN1 = 1.75 V
IGEN1 = 0.0 mA
GEN1tOFF
––
10
ms
Start-Up Overshoot
VIN1 = 1.75 V, 3.4 V, IGEN1 = 0.0 mA
GEN1OSHT
–1.0
2.0
%
Transient Load Response
•VIN1 = 1.75 V, 3.4 V
IGEN1 = 10 to 100 mA in 1.0 s. Peak of overshoot or undershoot
of VGEN1 with respect to final value
• Refer to Figure 25
VGEN1LOTR
––
3.0
%
Transient Line Response
•IGEN1 = 75 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for 
VGEN1[3:0] = 0000 to 1101
VIN1INITIAL = VGEN1+0.3 V to VIN1FINAL = VGEN1+0.8 V for
VGEN1[3:0] = 1110, 1111
• Refer to Figure 25
VGEN1LITR
–5.0
8.0
mV
Notes
58.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied
separately from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to
operate in the dropout region of the regulator under test.
Table 100. VGEN1 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111,
IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com