Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
PF0100
Functional Block Requirements and Behaviors
Start-up
VGEN4_SEQ
3
7
3
3
VGEN5_VOLT
2.5 V
2.8 V
2.5 V
2.5 V
VGEN5_SEQ
3
12
5
5
VGEN6_VOLT
2.8 V
3.3 V
-
-
VGEN6_SEQ
3
8
-
-
PU CONFIG, SEQ_CLK_SPEED
1.0 ms
2.0 ms
1.0 ms
1.0 ms
PU CONFIG, SWDVS_CLK
6.25 mV/
s
1.5625 mV/
s
12.5 mV/
s12.5 mV/s
PU CONFIG, PWRON
Level sensitive
SW1AB CONFIG
SW1AB Single Phase, SW1C Independent Mode, 2.0 MHz
SW1C CONFIG
2.0 MHz
SW2 CONFIG
2.0 MHz
SW3A CONFIG
SW3AB Single Phase, 2.0 MHz
SW3B CONFIG
2.0 MHz
SW4 CONFIG
No VTT, 2.0 MHz
PG EN
RESETBMCU in Default Mode
Table 8. Start-up Configuration
Registers
Default Configuration
Pre-programmed OTP Configuration
All Devices
F0
F1
F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com