Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 96Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 137 page
background image
Analog Integrated Circuit Device Data
100
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 26. VSNVS Supply Switch Architecture
Table 106 provides a summary of the VSNVS operation at different input voltage VIN and with or without coin cell connected to
the system.
VSNVS Control
The VSNVS output level is configured through the VSNVSVOLT[2:0]bits on VSNVSCTL register as shown in table Table 107.
VSNVS External Components
Table 106. VSNVS Modes of Operation
VSNVSVOLT[2:0]
VIN
MODE
110
> VTH1
VIN LDO 3.0 V
110
< VTL1
Coin cell switch
000 – 101
> VTH0
VIN LDO
000 – 101
< VTL0
Coin cell LDO
Table 107. Register VSNVSCTL - ADDR 0x6B
Name
Bit #
R/W
Default
Description
VSNVSVOLT
2:0
R/W
0x80
Configures VSNVS output voltage.(68)
000 = 1.0 V
001 = 1.1 V
010 = 1.2 V
011 = 1.3 V
100 = 1.5 V
101 = 1.8 V
110 = 3.0 V
111 = RSVD
UNUSED
7:3
–
0x00
UNUSED
Notes
68.
Only valid when a valid input voltage is present.
Table 108. VSNVS External Components
Capacitor
Value (
F)
VSNVS
0.47
LDO\
PF0100
VSNVS
Coin Cell
1.8 - 3.3 V
VIN
2.25 V (VTL0) -
4.5 V
LICELL
Charger
LDO/SWITCH
VREF
+
_
Z
Input
Sense/
Selector
I
2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com