Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 107Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 137 page
background image
Analog Integrated Circuit Device Data
104
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
Coin Cell Specifications
6.5
Control Interface I2C Block Description
The PF0100 contains an I2C interface port which allows access by a processor, or any I2C master, to the register set. Via these
registers the resources of the IC can be controlled. The registers also provide status information about how the IC is operating.
6.5.1
I2C Device ID
I2C interface protocol requires a device ID for addressing the target IC on a multi-device bus. To allow flexibility in addressing for
bus conflict avoidance, fuse programmability is provided to allow configuration for the lower 3 address LSB(s). Refer to One Time
Programmability (OTP) for more details. This product supports 7-bit addressing only; support is not provided for 10-bit or general
call addressing. Note, when the TBB bits for the I2C slave address are written, the next access to the chip, must then use the
new slave address; these bits take affect right away.
6.5.2
I2C Operation
The I2C mode of the interface is implemented generally following the Fast mode definition which supports up to 400 kbits/s
operation (exceptions to the standard are noted to be 7-bit only addressing and no support for General Call addressing.) Timing
diagrams, electrical specifications, and further details can be found in the I2C specification, which is available for download at:
http://www.nxp.com/acrobat_download/literature/9398/39340011.pdf
I2C read operations are also performed in byte increments separated by an ACK. Read operations also begin with the MSB and
each byte will be sent out unless a STOP command or NACK is received prior to completion.
The following examples show how to write and read data to and from the IC. The host initiates and terminates all communication.
The host sends a master command packet after driving the start condition. The device will respond to the host if the master
command packet contains the corresponding slave address. In the following examples, the device is shown always responding
with an ACK to transmissions from the host. If at any time a NACK is received, the host should terminate the current transaction
and retry the transaction.
Figure 27. I2C Write Example
Table 113. Coin Cell Charger Specifications
Parameter
Typ
Unit
Voltage Accuracy
100
mV
Coin Cell Charge Current in On mode ICOINHI
60
A
Current Accuracy
30
%
Device
Address
Register Address
Packet
Type
START
R / W
Host SDA
A
C
K
Slave SDA
A
C
K
Master Driven Data
( byte
0)
0
7
STOP
Host can
also drive
another
Start instead
of Stop
A
C
K
0
0
7
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com