Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 99Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 100Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 101Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 102Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 103Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 104Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
103
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.7.1
Coin Cell Battery Backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below
the VIN threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic will be powered by the voltage
applied to LICELL. The supply for internal logic and the VSNVS rail will switch over to the LICELL pin when VIN goes below VTL1
or VTL0, even in the absence of a voltage at the LICELL pin, resulting in clearing of memory and turning off of VSNVS.
Applications concerned about this behavior can tie LICELL pin to any system voltage between 1.8 V and 3.0 V. A small capacitor
should be placed from LICELL to ground under all circumstances.
Coin Cell Charger Control
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic typically
used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit while the coin cell voltage is
programmable through the VCOIN[2:0] bits on register COINCTL on Table 111. The coin cell charger voltage is programmable.
In the ON state, the charger current is fixed at ICOINHI. In Sleep and Standby modes, the charger current is reduced to a typical
10
A. In the OFF state, coin cell charging is not available as the main battery could be depleted unnecessarily. The coin cell
charging will be stopped when VIN is below UVDET.
External Components
Table 110. Coin Cell Charger Voltage
VCOIN[2:0]
VCOIN (V)(72)
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Notes
72.
Coin cell voltages selected based on the
type of LICELL used on the system.
Table 111. Register COINCTL - ADDR 0x1A
Name
Bit #
R/W
Default
Description
VCOIN
2:0
R/W
0x00
Coin cell charger output voltage selection.
See Table 110 for all options selectable through
these bits.
COINCHEN
3
R/W
0x00
Enable or disable the Coin cell charger
UNUSED
7:4
–
0x00
UNUSED
Table 112. Coin Cell Charger External Components
Component
Value
Units
LICELL Bypass Capacitor
100
nF
LICELL Bypass Capacitor as coin cell replacement
4.7
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com