Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 75Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 79Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 80Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 81Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 82Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
79
PF0100
Functional Block Requirements and Behaviors
Power Generation
6.4.5
Boost Regulator
SWBST is a boost regulator with a programmable output from 5.0 to 5.15 V. SWBST can supply the VUSB regulator for the USB
PHY in OTG mode, as well as the VBUS voltage. Note that the parasitic leakage path for a boost regulator will cause the
SWBSTOUT and SWBSTFB voltage to be a Schottky drop below the input voltage whenever SWBST is disabled. The switching
NMOS transistor is integrated on-chip. Figure 23 shows the block diagram and component connection for the boost regulator.
Figure 23. Boost Regulator Architecture
6.4.5.1
SWBST Setup and Control
Boost regulator control is done through a single register SWBSTCTL described in Table 86. SWBST is included in the power-up
sequence if its OTP power-up timing bits, SWBST_SEQ[4:0], are not all zeros.
Table 86. Register SWBSTCTL - ADDR 0x66
Name
Bit #
R/W
Default
Description
SWBST1VOLT
1:0
R/W
0x00
Set the output voltage for SWBST
00 = 5.000 V
01 = 5.050 V
10 = 5.100 V
11 = 5.150 V
SWBST1MODE
3:2
R
0x02
Set the Switching mode on Normal operation
00 = OFF
01 = PFM
10 = Auto (Default)(53)
11 = APS
UNUSED
4
–
0x00
UNUSED
SWBST1STBYMODE
6:5
R/W
0x02
Set the Switching mode on Standby
00 = OFF
01 = PFM
10 = Auto (Default)(53)
11 = APS
SWBSTLX
VOBST
Driver
Controller
EA
Z1
Z2
Internal
Compensation
I2C
Interface
SWBSTMODE
VREFUV
VREF
EP
VIN
LBST
CINBST
DBST
SWBSTFB
RSENSE
SC
VREFSC
SWBSTFAULT
OC
UV
COSWBST
SWBSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com