Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 79Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 80Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 81Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 82Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 83Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 84Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
81
PF0100
Functional Block Requirements and Behaviors
Power Generation
Start-up Overshoot
ISWBST = 0.0 mA
VSWBSTOSH
–
–
500
mV
Transient Load Response
ISWBST from 1.0 to 100 mA in 1.0 µs
Maximum transient Amplitude
VSWBSTTR
–
–
300
mV
Transient Load Response
ISWBST from 100 to 1.0 mA in 1.0 µs
Maximum transient Amplitude
VSWBSTTR
–
–
300
mV
SWITCH MODE SUPPLY SWBST (CONTINUED)
Transient Load Response
ISWBST from 1.0 to 100 mA in 1.0 µs
Time to settle 80% of transient
tSWBSTTR
–
–
500
µs
Transient Load Response
ISWBST from 100 to 1.0 mA in 1.0 µs
Time to settle 80% of transient
tSWBSTTR
––
20
ms
NMOS Off Leakage
SWBSTIN = 4.5 V, SWBSTMODE [1:0] = 00
ISWBSTHSQ
–1.0
5.0
µA
Turn-on Time
Enable to 90% of VSWBST, ISWBST = 0.0 mA
tONSWBST
––
2.0
ms
Switching Frequency
fSWBST
–2.0
–
MHz
Efficiency
ISWBST = ISWBSTMAX
SWBST
–86–
%
Notes
55.
Only in Auto mode.
Table 88. SWBST Electrical Specifications
All parameters are specified at TA = -40 to 85 °C, VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, typical external
component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at VIN = VINSWBST = 3.6 V,
VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com