Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
PF0100
Pin Connections
Pin Definitions
23
SW2IN (4)
I
4.8 V
Analog
Input to SW2 regulator. Connect pin 23 together with pin 24 and
bypass with at least a 4.7
F ceramic capacitor and a 0.1 F
decoupling capacitor as close to these pins as possible.
24
SW2IN (4)
I
4.8 V
Analog
25
SW2FB (4)
I
3.6 V
Analog
Output voltage feedback for SW2. Route this trace separately
from the high current path and terminate at the output
capacitance.
26
VGEN3
O
3.6 V
Analog
VGEN3 regulator output. Bypass with a 2.2
F ceramic output
capacitor.
27
VIN2
I
3.6 V
Analog
VGEN3,4 input. Bypass with a 1.0
F decoupling capacitor as
close to the pin as possible.
28
VGEN4
O
3.6 V
Analog
VGEN4 regulator output, Bypass with a 4.7
F ceramic output
capacitor.
29
VHALF
I
3.6 V
Analog
Half supply reference for VREFDDR
30
VINREFDDR
I
3.6 V
Analog
VREFDDR regulator input. Bypass with at least 1.0
F decoupling
capacitor as close to the pin as possible.
31
VREFDDR
O
3.6 V
Analog
VREFDDR regulator output
32
SW3VSSSNS
GND
-
GND
Ground reference for the SW3 regulator. Connect to GNDREF
externally via the board ground plane.
33
SW3BFB (4)
I
3.6 V
Analog
Output voltage feedback for SW3B. Route this trace separately
from the high current path and terminate at the output
capacitance.
34
SW3BIN (4)
I
4.8 V
Analog
Input to SW3B regulator. Bypass with at least a 4.7
F ceramic
capacitor and a 0.1
F decoupling capacitor as close to the pin as
possible.
35
SW3BLX (4)
O
4.8 V
Analog
Regulator 3B switch node connection
36
SW3ALX (4)
O
4.8 V
Analog
Regulator 3A switch node connection
37
SW3AIN (4)
I
4.8 V
Analog
Input to SW3A regulator. Bypass with at least a 4.7
F ceramic
capacitor and a 0.1
F decoupling capacitor as close to the pin as
possible.
38
SW3AFB (4)
I
3.6 V
Analog
Output voltage feedback for SW3A. Route this trace separately
from the high current path and terminate at the output
capacitance.
39
VGEN5
O
3.6 V
Analog
VGEN5 regulator output. Bypass with a 2.2
F ceramic output
capacitor.
40
VIN3
I
4.8 V
Analog
VGEN5, 6 input. Bypass with a 1.0
F decoupling capacitor as
close to the pin as possible.
41
VGEN6
O
3.6 V
Analog
VGEN6 regulator output. By pass with a 2.2
F ceramic output
capacitor.
42
LICELL
I/O
3.6 V
Analog
Coin cell supply input/output
43
VSNVS
O
3.6 V
Analog
LDO or coin cell output to processor
44
SWBSTFB (4)
I
4.8 V
Analog
Boost regulator feedback. Connect this pin to the output rail close
to the load. Keep this trace away from other noisy traces and
planes.
45
SWBSTIN (4)
I
4.8 V
Analog
Input to SWBST regulator. Bypass with at least a 2.2
F ceramic
capacitor and a 0.1
F decoupling capacitor as close to the pin as
possible.
Table 2. PF0100 Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Max Rating
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com