Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 43Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 44Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 45Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 46Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 47Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 48Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 49Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 50Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW1A/B/C External Components
Table 49. Register SW1CMODE - ADDR 0x31
Name
Bit #
R/W
Default
Description
SW1CMODE
3:0
R/W
0x80
Sets the SW1C switching operation mode.
See Table 28 for all possible configurations.
UNUSED
4
–
0x00
UNUSED
SW1COMODE
5
R/W
0x00
Set status of SW1C when in Sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
UNUSED
Table 50. Register SW1CCONF - ADDR 0x32
Name
Bit #
R/W
Default
Description
SW1CILIM
0
R/W
0x00
SW1C current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW1CFREQ
3:2
R/W
0x00
SW1C switching frequency selector.
See Table 36.
SW1CPHASE
5:4
R/W
0x00
SW1C Phase clock selection.
See Table 34.
SW1CDVSSPEED
7:6
R/W
0x00
SW1C DVS speed selection.
See Table 32.
Table 51. SW1A/B/C External Component Recommendations
Mode
Components
Description
A/B/C Single
Phase
A/B Single - C
Independent Mode
A/B Dual - C
Independent Mode
CINSW1A(38)
SW1A Input capacitor
4.7
F4.7 F4.7 F
CIN1AHF(38)
SW1A Decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW1B(38)
SW1B Input capacitor
4.7
F4.7 F4.7 F
CIN1BHF(38)
SW1B Decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW1C(38)
SW1C Input capacitor
4.7
F4.7 F4.7 F
CIN1CHF(38)
SW1C Decoupling input capacitor
0.1
F0.1 F0.1 F
COSW1AB(38)
SW1A/B Output capacitor
6 x 22
F4 x 22 F
4 x 22
F
COSW1C(38)
SW1C Output capacitor
–
2 x 22
F
2 x 22
F
LSW1A
SW1A Inductor
1.0
H
DCR = 12 m
ISAT = 4.5 A
1.0
H
DCR = 12 m
ISAT = 4.5 A
1.0
H
DCR = 60 m
ISAT = 2.4 A
LSW1B
SW1B Inductor
–
–
1.0
H
DCR = 60 m
ISAT = 2.4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com