Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 45Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 46Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 47Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 48Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 49Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 50Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 51Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 52Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW1A/B/C (SINGLE PHASE) (CONTINUED)
Efficiency
•VIN = 3.6 V, fSW1ABC = 2.0 MHz, LSW1ABC = 1.0 H
PFM, 0.9 V, 1.0 mA
PFM, 1.2 V, 50 mA
APS, PWM, 1.2 V, 850 mA
APS, PWM, 1.2 V, 1275 mA
APS, PWM, 1.2 V, 2125 mA
APS, PWM, 1.2 V, 4500 mA
SW1ABC
–
–
–
–
–
–
77
82
86
84
80
68
–
–
–
–
–
–
%
Output Ripple
VSW1ABC
–10–
mV
Line Regulation (APS, PWM)
VSW1ABCLIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW1ABCLOR
––
20
mV
Transient Load Regulation
• Transient load = 0 to 2.25 A, di/dt = 100 mA/
s
Overshoot
Undershoot
VSW1ABCLOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode
APS Mode
ISW1ABCQ
–
–
18
145
–
–
µA
Discharge Resistance
RSW1ABCDIS
–
600
–
SW1A/B (SINGLE/DUAL PHASE)
Operating Input Voltage
VINSW1A
VINSW1B
2.8
–
4.5
V
Nominal Output Voltage
VSW1AB
–
Table 39
–V
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW1AB < 2.5 A
0.3 V
 VSW1AB  1.450 V
1.475 V
 VSW1AB  1.875 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW1AB < 150 mA
0.3 V < VSW1AB < 0.85 V
0.875 V < VSW1AB < 1.875 V
VSW1ABACC
-25
-3.0%
-65
-6.0%
-
-
–
–
25
3.0%
65
6.0%
mV
%
Rated Output Load Current, (40)
2.8 V < VIN < 4.5 V, 0.3 V < VSW1AB < 1.875 V
ISW1AB
–
–
2500
mA
Current Limiter Peak Current Detection (40)
• SW1A/B Single Phase (current through inductor)
SW1ABILIM = 0
SW1ABILIM = 1
• SW1A/B Dual Phase (current through inductor per phase)
SW1ABILIM = 0
SW1ABILIM = 1
ISW1ABLIM
4.5
3.3
2.2
1.6
6.5
4.9
3.2
2.4
8.5
6.4
4.3
3.2
A
Start-up Overshoot
ISW1AB = 0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW1x = 4.5 V, VSW1AB = 1.875 V
VSW1ABOSH
––
66
mV
Table 52. SW1A/B/C Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA,
SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com