Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 105Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 107Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 108Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 109Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 110Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 111Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 112Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 137 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
109
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
Table 122. Register INTMASK3 - ADDR 0x0F
Name
Bit #
R/W
Default
Description
SWBSTFAULTM
0
R/W
1
SWBST over-current limit interrupt mask bit
UNUSED
6:1
–
0x00
Unused
OTP_ECCM
7
R/W
1
OTP error interrupt mask bit
Table 123. Register INTSENSE3 - ADDR 0x10
Name
Bit #
R/W
Default
Description
SWBSTFAULTS
0
R
0
SWBST over-current limit sense bit
0 = Normal operation
1 = Above current limit
UNUSED
6:1
–
0x00
Unused
OTP_ECCS
7
R
0
OTP error sense bit
0 = No error detected
1 = OTP error detected
Table 124. Register INTSTAT4 - ADDR 0x11
Name
Bit #
R/W
Default
Description
VGEN1FAULTI
0
R/W1C
0
VGEN1 Over-current interrupt bit
VGEN2FAULTI
1
R/W1C
0
VGEN2 Over-current interrupt bit
VGEN3FAULTI
2
R/W1C
0
VGEN3 Over-current interrupt bit
VGEN4FAULTI
3
R/W1C
0
VGEN4 Over-current interrupt bit
VGEN5FAULTI
4
R/W1C
0
VGEN5 Over-current interrupt bit
VGEN6FAULTI
5
R/W1C
0
VGEN6 Over-current interrupt bit
UNUSED
7:6
–
00
Unused
Table 125. Register INTMASK4 - ADDR 0x12
Name
Bit #
R/W
Default
Description
VGEN1FAULTM
0
R/W
1
VGEN1 Over-current interrupt mask bit
VGEN2FAULTM
1
R/W
1
VGEN2 Over-current interrupt mask bit
VGEN3FAULTM
2
R/W
1
VGEN3 Over-current interrupt mask bit
VGEN4FAULTM
3
R/W
1
VGEN4 Over-current interrupt mask bit
VGEN5FAULTM
4
R/W
1
VGEN5 Over-current interrupt mask bit
VGEN6FAULTM
5
R/W
1
VGEN6 Over-current interrupt mask bit
UNUSED
7:6
–
00
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com