Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100NPEP Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MMPF0100NPEP
Description  Four to six buck converters, depending on configuration
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100NPEP Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MMPF0100NPEP Datasheet HTML 129Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 130Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 131Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 132Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 133Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 134Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 135Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 136Page - Freescale Semiconductor, Inc MMPF0100NPEP Datasheet HTML 137Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 136 / 137 page
background image
Analog Integrated Circuit Device Data
136
Freescale Semiconductor
PF0100
Revision History
Document Changes
10
Revision History
10.1
Document Changes
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
7/2011
• Preliminary specification release
2.0
8/2012
• NPI phase: prototype major updates throughout cycle
3.0
10/2012
• Initial production release
4.0
5/2013
• Table 2. Added recommended pin connection when regulators are unused
• Update Table 7. Current Consumption summary
• Table 8. Removed VREFDDR_VOLT row
• Removed automatic fuse programming feature
• Updated Max frequency specification for the 16 MHz clock to 17.2 MHz
• Table 15. Added specification for derived 2.0 Mhz clock
• Added Clock adjustment
• Table 20. Updated VREFDDR minimum Current limit specification
• Updated Block diagram for all Switching Regulators
• Updated current limit and overcurrent protection minimum specification on LDOS
• Table 109. Update VTH0 and VTL0 specification on VSNVS
• Updated Table 135, Address FF
• Updated Table 136, address D8 and D9
• Update Figure 29. Typical application diagram
• Removed Part Identification section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com