Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 65 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 65 Page - ams AG

Back Button AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG AS3677 Datasheet HTML 63Page - ams AG AS3677 Datasheet HTML 64Page - ams AG AS3677 Datasheet HTML 65Page - ams AG AS3677 Datasheet HTML 66Page - ams AG AS3677 Datasheet HTML 67Page - ams AG AS3677 Datasheet HTML 68Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
64 - 67
AS3677
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
11 Package Drawings and Markings
Figure 38. WL-CSP25 2.2x2.2x0.6mm 5x5 Balls Package Drawing
Note:
Line 1:
austriamicrosystems logo
Line 2:
AS3677
Line 3:
<Code>
Encoded datecode 4 characters
Figure 39. WL-CSP25 2.2x2.2x0.6mm 5x5 Balls Detail Dimensions
The coplanarity of the balls is 40µm.
AS3677
<Code>
 

   






 
 

!

!















!


!


"
"
"
"
 
 
   
   !"
#$ %
&$'
 

(
)
%
%
%)


)
*
*
*)
+
+
+)
%
%


*
*
+
+
,
,
%

*
+
,
,
,)
,
%

*
+
,
%)
)
*)
+)
%

*
+
,)
,
%

*
+
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com