Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 49 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 49 Page - ams AG

Back Button AS3677 Datasheet HTML 45Page - ams AG AS3677 Datasheet HTML 46Page - ams AG AS3677 Datasheet HTML 47Page - ams AG AS3677 Datasheet HTML 48Page - ams AG AS3677 Datasheet HTML 49Page - ams AG AS3677 Datasheet HTML 50Page - ams AG AS3677 Datasheet HTML 51Page - ams AG AS3677 Datasheet HTML 52Page - ams AG AS3677 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
48 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
3:2
gpio3_pulls
01
R/W
Adds the following pullup/pulldown to pin GPIO3; this is
independent of setting of bits gpio3_mode
00
None
01
Pulldown
10
Pullup
11
ADC input (gpio3_mode = XX); recommended
for analog signals
Table 84. GPIO driving cap
Register
Addr: 20h
GPIO driving cap
This register enables low current mode for GPIO3s.
Bit
Bit Name
Default Access
Description
0
gpio1_low_curr
0R/W
Defines the driving capability of pin ALS/GPIO1
0Iout
1
Iout /4
1
gpio2_low_curr
0R/W
Defines the driving capability of pin GPIO2
0Iout
1
Iout /4
2
gpio3_low_curr
0R/W
Defines the driving capability of pin GPIO3
0Iout
1
Iout /4
Table 83. GPIO control 3
Register (Continued)
Addr: 1Fh
GPIO control 3
This register enables low current mode for GPIO3s.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com