Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 36 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 36 Page - ams AG

Back Button AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG AS3677 Datasheet HTML 34Page - ams AG AS3677 Datasheet HTML 35Page - ams AG AS3677 Datasheet HTML 36Page - ams AG AS3677 Datasheet HTML 37Page - ams AG AS3677 Datasheet HTML 38Page - ams AG AS3677 Datasheet HTML 39Page - ams AG AS3677 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
35 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
2:1
amb_gain
0R/W
Control Ambient Light Sensor preprocessing gain
00
gain = 1/4
01
gain = 1/2
10
gain = 1
11
gain = 2
3
amb_keep
0R/W
Enable S/H of group tables output - see Figure 24 on
page 34
0
Group output is enabled (S/H = sampling)
1
Groups outputs on hold (S/H = hold)
Table 46. ALS filter Register
Addr: 91h
ALS filter
control for ambient light sensor filtering
Bit
Bit Name
Default Access
Description
2:0
amb_filter_up
000
R/W
Controls the filter cut off (-3dB) frequency (increasing)
000
0.25Hz
001
0.5Hz
010
1Hz
011
2Hz
100
4Hz
101
8Hz
110
16Hz
111
32Hz
6:4
amb_filter_down
000
R/W
Controls the filter cut off (-3dB) frequency (decreasing)
000
0.25Hz
001
0.5Hz
010
1Hz
011
2Hz
100
4Hz
101
8Hz
110
16Hz
111
32Hz
Table 47. ALS offset Register
Addr: 92h
ALS offset
Bit
Bit Name
Default Access
Description
7:0
amb_offset
00h
R/W
Controls the offset of the ambient light sensor
Table 45. ALS control Register (Continued)
Addr: 90h
ALS control
control ambient light sensing
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com