Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 12 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 12 Page - ams AG

Back Button AS3677 Datasheet HTML 8Page - ams AG AS3677 Datasheet HTML 9Page - ams AG AS3677 Datasheet HTML 10Page - ams AG AS3677 Datasheet HTML 11Page - ams AG AS3677 Datasheet HTML 12Page - ams AG AS3677 Datasheet HTML 13Page - ams AG AS3677 Datasheet HTML 14Page - ams AG AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
11 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
To ensure soft startup of the dcdc converter, the over current limits are reduced for a fixed time after enabling the dcdc
converter. The total startup time for an output voltage of e.g. 26V is less than 2ms.
8.2.1
Feedback Selection
Register DCDC control1 and DCDC control2 selects the type of feedback for the Step Up DC/DC Converter.
The feedback for the DC/DC converter can be selected to any of the current sinks (CURR1, CURR2, CURR6). If the
register bit step_up_fb_auto is set, the feedback path is automatically selected between CURR1, CURR2 and CURR6
(the lowest voltage of these current sinks is used)
1. The Step Up DC/DC Converter is regulated such that the required
current at the feedback path can be supported.
Note:
Always choose the path with the highest voltage drop as feedback to guarantee adequate supply for the other
(unregulated) paths or enable the register bit step_up_fb_auto.
8.2.2
Over voltage Protection
The over voltage protection is controlled by the register step_up_vmax (can be programmed to 10V, 16V or 25V) to
protect the external components (especially the output capacitor C1. If the voltage on the pin SW exceeds this voltage,
the DCDC is immediately disabled and the register bit step_up_ov is set. To re-enable the DCDC set step_up_on=0
and afterwards step_up_on=1.
The voltage rating of the external components must be chosen to fit to the software setting of step_up_vmax
2.
Note:
The voltage on CURR1, CURR2 and CURR6 must not exceed 26V (see page 20)
VFB
Feedback Voltage for
Current Sink
Regulation
on CURR1, CURR2 or CURR6 in regulation.
0.4
0.5
0.6
V
ICOIL_MAX
Coil current limit
step_up_lowcur=0
1200
mA
step_up_lowcur=1
750
For fixed startup time of
500us
step_up_lowcur=0
600
step_up_lowcur=1
330
RSW
Switch Resistance
ON-resistance of external switching transistor.
0.42
1.0
Ω
ILOAD
Load Current
At 25V output voltage
0
50
mA
fIN
Switching Frequency
Internally trimmed
0.9
1
1.1
MHz
COUT
Output Capacitor
Ceramic, ±20%. Use nominal 4.7µF capacitors
to obtain at least 0.7µF under all conditions
(voltage dependence of capacitors)
0.7
4.7
µF
L
Inductor
Use inductors with small Cparasitic (<100pF) to
get high efficiency.
710
13
µH
tMIN_ON
Minimum on Time
90
140
190
ns
MDC
Maximum Duty Cycle
90
%
Vripple
Voltage ripple >20kHz
Cout=4.7µF,Iout=0..45mA, VBAT=3.0...4.2V
160
mV
Voltage ripple <20kHz
40
mV
Efficiency
Efficiency
Iout=20mA,Vout=17V,VBAT=3.8V
85
%
1. It is recommended to leave step_up_fb_auto=1 (default) all the times.
2. If the voltage is the DCDC overvoltage protection is chosen above the voltage ratings of the external com-
ponents, permanent damage might result.
Table 7. Step Up DC/DC Converter Parameters (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com