Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 35 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 35 Page - ams AG

Back Button AS3677 Datasheet HTML 31Page - ams AG AS3677 Datasheet HTML 32Page - ams AG AS3677 Datasheet HTML 33Page - ams AG AS3677 Datasheet HTML 34Page - ams AG AS3677 Datasheet HTML 35Page - ams AG AS3677 Datasheet HTML 36Page - ams AG AS3677 Datasheet HTML 37Page - ams AG AS3677 Datasheet HTML 38Page - ams AG AS3677 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
34 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 24.
Ambient Light Sensor and Interrupt Logic internal circuit
Ambient Light Sensor Registers
Table 45. ALS control Register
Addr: 90h
ALS control
control ambient light sensing
Bit
Bit Name
Default Access
Description
0
amb_on
0R/W
Enables the ambient light sensing feature
0
ambient light sensor disabled
1
ambient light sensor enabled







  
 
 
  
   
 
 !
 !
"
"
#$%&
&'(()
"

*!  

 
&'(() *! 
"
++
  , 
*!   !*
*!)
 !
"



- ,  !*  
./012
 3
  !
. 456 7563
   
. 456 7563
 !7
"


%$&
%89:/#-
)
:/#-
 ! .   **
3
"; <56
!
=44


!
 ! >
 ! >7
 ! ?
 ! =
 ! =
 ! ?
9

5
9

5
9

5 
? 
#@A
  ,, 
# ! 8 *

!  
# ! B 
 =C
"
.  ! *   ! 3
   
 =C
"
*
 ! 2
* 
 !
,,
 
:/#-7
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com