Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 14 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 14 Page - ams AG

Back Button AS3677 Datasheet HTML 10Page - ams AG AS3677 Datasheet HTML 11Page - ams AG AS3677 Datasheet HTML 12Page - ams AG AS3677 Datasheet HTML 13Page - ams AG AS3677 Datasheet HTML 14Page - ams AG AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
13 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.3
Charge Pump
The Charge Pump uses the external flying capacitor C4 to generate output voltages higher than the battery voltage.
There are two different operating modes of the charge pump itself:
1:1 Bypass Mode
- Battery input and output are connected by a low-impedance switch
- battery current = output current.
1:2 Mode
- The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 2 times output current
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:2 mode in order to provide
enough supply for the current sinks. Depending on the actual current the mode with best overall efficiency can be auto-
matically or manually selected:
The charge pump mode switching can be done manually or automatically with the following possible software settings:
Automatic
- Start with 1:1 mode
- Switch up automatically to 1:2 mode
Manual
- Set modes 1:1 and 1:2 by software
The Charge Pump requires the external components listed in the following table:
Note:
The connections of the external capacitors C4 and C5 should be kept as short as possible.
3
step_up_lowcur
1R/W
Step Up DC/DC Converter coil current limit
0
Normal current limit
1
Current limit reduced by approx. 33%
4
step_up_ov
0R
Step Up DC/DC overvoltage triggered
0
No overvoltage triggered
1
Overvoltage triggered; this bit is automatically
reset by step_up_on=0
7
step_up_fb_auto
1R/W
0
step_up_fb select the feedback of the DCDC
converter
1
The feedback is automatically chosen within the
current sinks CURR1, CURR2 and CURR6
(never DCDC_FB). Only those are used for this
selection, which are enabled (currX_mode must
not be 00) and not connected to the charge
pump (currX_on_cp must be 0).
Table 11. Charge Pump External Components
Symbol
Parameter
Condition
Min
Typ
Max
Unit
C4
External Flying
Capacitor
Ceramic low-ESR capacitor between pins
C1_P and C1_N
470
nF
C5
External Storage
Capacitor
Ceramic low-ESR capacitor between pins
CPOUT and VSS, pins CPOUT and VSS_CP
1.0
µF
Table 10. DCDC control2
Register (Continued)
Addr: 22h
DCDC control2
This register controls the Step Up DC/DC Converter and low-voltage current
sinks CURR3x.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com