Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 18 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 18 Page - ams AG

Back Button AS3677 Datasheet HTML 14Page - ams AG AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG AS3677 Datasheet HTML 19Page - ams AG AS3677 Datasheet HTML 20Page - ams AG AS3677 Datasheet HTML 21Page - ams AG AS3677 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
17 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 15. CP mode Switch1
Register
Addr: 24h
CP mode Switch1
Setup which current sinks are connected (via leds) to the charge pump; if set to
‘1’ the correspond current source (sink) is used for automatic mode selection of
the charge pump
Bit
Bit Name
Default Access
Description
4
rgb1_on_cp
1R/W
0
current Sink RGB1 is not connected to charge
pump
1
current sink RGB1 is connected to charge pump
5
rgb2_on_cp
1R/W
0
current Sink RGB2 is not connected to charge
pump
1
current sink RGB2 is connected to charge pump
6
rgb3_on_cp
1R/W
0
current Sink RGB3 is not connected to charge
pump
1
current sink RGB3 is connected to charge pump
Table 16. CP mode Switch2
Register
Addr: 25h
CP mode Switch2
Setup which current sinks are connected (via LEDs) to the charge pump; if set
to ‘1’ the correspond current source (sink) is used for automatic mode selection
of the charge pump
Bit
Bit Name
Default Access
Description
0
curr1_on_cp
0R/W
0
current Sink CURR1is not connected to charge
pump
1
current sink CURR1 is connected to charge pump
1
curr2_on_cp
0R/W
0
current Sink CURR2 is not connected to charge
pump
1
current sink CURR2 is connected to charge pump
7
curr6_on_cp
0R/W
0
current Sink CURR6 is not connected to charge
pump
1
current sink CURR6 is connected to charge pump
Table 17. Curr low voltage status1
Register
Addr: 2Ah
Curr low voltage status1
Indicates the low voltage status of the current sinks. If the currX_low_v bit is
set, the voltage on the current sink is too low, to drive the selected output
current
Bit
Bit Name
Default Access
Description
4
rgb1_low_v
NA
R
0
voltage of current Sink RGB1 >currlv_switch
1
voltage of current Sink RGB1 <currlv_switch
5
rgb2_low_v
NA
R
0
voltage of current Sink RGB2 >currlv_switch
1
voltage of current Sink RGB2 <currlv_switch
6
rgb3_low_v
NA
R
0
voltage of current Sink RGB3 >currlv_switch
1
voltage of current Sink RGB31 <currlv_switch
7
curr6_low_v
NA
R
0
voltage of current Sink CURR6 >currlv_switch
1
voltage of current Sink CURR6 <currlv_switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com