Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 62 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 62 Page - ams AG

Back Button AS3677 Datasheet HTML 58Page - ams AG AS3677 Datasheet HTML 59Page - ams AG AS3677 Datasheet HTML 60Page - ams AG AS3677 Datasheet HTML 61Page - ams AG AS3677 Datasheet HTML 62Page - ams AG AS3677 Datasheet HTML 63Page - ams AG AS3677 Datasheet HTML 64Page - ams AG AS3677 Datasheet HTML 65Page - ams AG AS3677 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
61 - 67
AS3677
Datasheet - R e g i s t e r M a p
Curr low voltage
status2
2Bh
NA
curr2_lo
w_v
curr1_lo
w_v
Gpio current
2Ch
80h
pattern_
slow
pattern_
delay2
Curr6 current
2Fh
00h
curr6_current
Adder Current 1
30h
00h
adder_current1
(can be enabled for CURR1)
Adder Current 2
31h
00h
adder_current2
(can be enabled for CURR2)
Adder Current 3
32h
00h
adder_current3
(can be enabled for CURR6)
Adder Enable 1
33h
00h
rgb3_ad
der
rgb2_ad
der
rgb1_ad
der
Adder Enable 2
34h
00h
curr6_ad
der
curr2_ad
der
curr1_ad
der
ASIC ID1
3Eh
A6h
1
0
1
0
0
1
1
0
ASIC ID2
3Fh
5Xh
0
1
0
1
revision
GPIO output 2
50h
00h
gpio3_o
ut
gpio2_o
ut
gpio1_o
ut
GPIO signal 2
51h
00h
gpio3_ in gpio2_ in gpio1_in
Pattern End
54h
00h
pattern_
end
DLS mode
control1
56h
00h
dls_anal
og
rgb3_on
_dls
rgb2_on
_dls1
rgb1_on
_dls
DLS mode
control2
57h
00h curr6_on
_dls
curr6_dl
s2
curr2_dl
s2
curr2_on
_dls
curr1_on
_dls
ALS control
90h
00h
amb_ke
ep
amb_gain
amb_on
ALS filter
91h
00h
amb_filter_down
amb_filter_up
ALS offset
92h
00h
amb_offset
ALS result
93h
00h
amb_result
ALS curr12 group
94h
00h
curr2_amb_group
curr1_amb_group
ALS rgb group
95h
00h
curr6_amb_group
rgb3_amb_group
rgb2_amb_group
rgb1_amb_group
ALS group 1 Y0
98h
00h
group1_y0
ALS group 1 Y3
99h
00h
group1_y3
ALS group 1 X1
9Ah
00h
group1_x1
ALS group 1 K1
9Bh
00h
group1_k1
ALS group 1 X2
9Ch
00h
group1_x2
ALS group 1 K2
9Dh
00h
group1_k2
ALS group 2 Y0
9Eh
00h
group2_y0
ALS group 2 Y3
9Fh
00h
group2_y3
ALS group 2 X1
A0h
00h
group2_x1
Table 98. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com