Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 25 Page - ams AG

Part # AS3677
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 25 Page - ams AG

Back Button AS3677 Datasheet HTML 21Page - ams AG AS3677 Datasheet HTML 22Page - ams AG AS3677 Datasheet HTML 23Page - ams AG AS3677 Datasheet HTML 24Page - ams AG AS3677 Datasheet HTML 25Page - ams AG AS3677 Datasheet HTML 26Page - ams AG AS3677 Datasheet HTML 27Page - ams AG AS3677 Datasheet HTML 28Page - ams AG AS3677 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
24 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 16. LED Pattern Generator
AS3677 for pattern_color = 0
To select the different current sinks to be controlled by the LED pattern generator, see the ‘xxxx’_mode registers
(where ‘xxxx’ stands for the to be controlled current sink, e.g. curr1_mode for CURR1 current sink). See also the
description of the different current sinks.
To allow the generator of a color patterns set the bit pattern_color to ‘1’. Then the pattern can be connected to CURRx
as follows:
Figure 17. LED Pattern Generator
AS3677 for pattern_color = 1
Only those current sinks will be controlled, where the ‘xxxx’_mode register is configured for LED pattern.
If the register bit pattern_slow is set, all pattern times are increased by a factor of eight. (bit duration: 250ms if
pattern_color=0 / 800ms if pattern_color=1, delays between pattern up to 56s).
Soft Dimming for Pattern
The internal pattern generator can be combined with the internal pwm dimming modulator to obtain as shown in the fol-
lowing figure:
Figure 18. Soft dimming Architecture for the
AS3677 (softdim_pattern=1 and pattern_color = 1)
     

 
  
 
        
! " #  
 
$   ! ! 
" #
"
%
 & " 
 

' "
%()*



 !

" #
$ 
" #
$ 
%&'(')*+&
),)-&
.)&(/ / / // / "/ /"/"/$ 
-'+&
 
 


 



 




 




 





!
!
"
#



   $  %%&%

   '
 ()  *+, 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com